Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 13Page - Texas Instruments THS0842 Datasheet HTML 14Page - Texas Instruments THS0842 Datasheet HTML 15Page - Texas Instruments THS0842 Datasheet HTML 16Page - Texas Instruments THS0842 Datasheet HTML 17Page - Texas Instruments THS0842 Datasheet HTML 18Page - Texas Instruments THS0842 Datasheet HTML 19Page - Texas Instruments THS0842 Datasheet HTML 20Page - Texas Instruments THS0842 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
definitions of specifications and terminology
integral nonlinearity (INL)
Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero through full scale.
The point used as zero occurs 1/2 LSB before the first code transition. The full-scale point is defined as level
1/2 LSB beyond the last code transition. The deviation is measured from the center of each particular code to
the true straight line between these two endpoints.
differential nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value.
Therefore this measure indicates how uniform the transfer function step sizes are. The ideal step size is defined
here as the step size for the device under test, i.e. (last transition level – first transition level)/(2n –2). Using this
definition for DNL separates the effects of gain and offset error. A minimum DNL better than –1 LSB ensures
no missing codes.
offset and gain error
Offset error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage
– that will switch the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the
voltage corresponding to 1/2 LSB to the bottom reference level. The voltage corresponding to 1 LSB is found
from the difference of top and bottom references divided by the number of ADC output levels (256).
Gain error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage
– that will switch the ADC output from code 254 to code 255. The ideal voltage level is determined by subtracting
the voltage corresponding to 1.5 LSB from the top reference level. The voltage corresponding to 1 LSB is found
from the difference of top and bottom references divided by the number of ADC output levels (256).
analog input bandwidth
The analog input bandwidth is defined as the maximum frequency of a 1-dBFS input sine wave that can be
applied to the device for which an extra 3-dB attenuation is observed in the reconstructed output signal.
output timing
Output timing td(o) is measured from the 1.5-V level of the CLK input falling edge to the 10%/90% level of the
digital output. The digital output load is not higher than 10 pF.
Output hold time th(o) is measured from the 1.5-V level of the CLK input falling edge to the10%/90% level of the
digital output. The digital output load is not less than 2 pF.
Aperture delay td(A) is measured from the 1.5-V level of the CLK input to the actual sampling instant.
The OE signal is asynchronous.
OE timing tdis is measured from the VIH(min) level of OE to the high-impedance state of the output data. The
digital output load is not higher than 10 pF.
OE timing ten is measured from the VIL(max) level of OE to the instant when the output data reaches VOH(min)
or VOL(max) output levels. The digital output load is not higher than 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com