Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 1 Page - Texas Instruments

  THS0842 Datasheet HTML 1Page - Texas Instruments THS0842 Datasheet HTML 2Page - Texas Instruments THS0842 Datasheet HTML 3Page - Texas Instruments THS0842 Datasheet HTML 4Page - Texas Instruments THS0842 Datasheet HTML 5Page - Texas Instruments THS0842 Datasheet HTML 6Page - Texas Instruments THS0842 Datasheet HTML 7Page - Texas Instruments THS0842 Datasheet HTML 8Page - Texas Instruments THS0842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Dual Simultaneous Sample and Hold Inputs
D Differential or Single-Ended Analog Inputs
D 8-Bit Resolution 40 MSPS Sampling
Analog-to-Digital Converter (ADC)
D Single or Dual Parallel Bus Output
D Low Power Consumption: 275 mW Typ
Using External References
D Wide Analog Input Bandwidth: 600 MHz Typ
D 3.3 V Single-Supply Operation
D 3.3 V TTL/CMOS-Compatible Digital I/O
D Internal or External Bottom and Top
Reference Voltages
D Adjustable Reference Input Range
D Power-Down (Standby) Mode
D 48-Pin Thin Quad Flat Pack (TQFP)
Package
applications
D Digital Communications (Baseband
Sampling)
D Cable Modems
D Set Top Boxes
D Test Instruments
description
The THS0842 is a dual 8-bit 40 MSPS high-speed A/D converter. It alternately converts each analog input signal
into 8-bit binary-coded digital words up to a maximum sampling rate of 40 MSPS with an 80 MHz clock. All digital
inputs and outputs are 3.3 V TTL /CMOS-compatible.
Thanks to an innovative single-pipeline architecture implemented in a CMOS process and the 3.3 V supply, the
device consumes very little power. In order to provide maximum flexibility, both bottom and top voltage
references can be set from user supplied voltages. Alternately, if no external references are available, on-chip
references can be used which are also made available externally. The full-scale range is 1 Vpp, depending on
the analog supply voltage. If external references are available, the internal references can be powered down
independently from the rest of the chip, resulting in an even greater power saving.
The device is specifically suited for the baseband sampling of wireless local loop (WLL) communication, cable
modems, set top boxes (STBs), and test instruments.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
TA
TQFP-48
–40
°C to 85°C
THS0842IPFB
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
23
DRVSS
DA0
DA1
DA2
DA3
DA4
DA5
DA6
DA7
NC
NC
DRVDD
24
23
22
21
20
19
18
17
16
15
14
13
4
37
38
39
40
41
42
43
44
45
46
47
48
AVDD
I+
I–
AVSS
AVDD
STBY
DVSS
SELB
DVDD
AVSS
CLK
OE
56
7
8
35 34 33 32 31
36
30
28 27 26
29
9 10 11 12
25
1
PFB PACKAGE
(TOP VIEW)
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - THS0842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS0842 TI1-THS0842 Datasheet
502Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
THS0842 TI2-THS0842 Datasheet
569Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
REVISED AUGUST 2000
THS0842IPFB TI1-THS0842IPFB Datasheet
502Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
THS0842IPFB TI2-THS0842IPFB Datasheet
569Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
REVISED AUGUST 2000
THS0842IPFB.A TI2-THS0842IPFB.A Datasheet
569Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
REVISED AUGUST 2000
More results

Similar Description - THS0842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
logo
Analog Devices
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
logo
Texas Instruments
THS0842 TI1-THS0842_14 Datasheet
502Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com