Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 15Page - Texas Instruments THS0842 Datasheet HTML 16Page - Texas Instruments THS0842 Datasheet HTML 17Page - Texas Instruments THS0842 Datasheet HTML 18Page - Texas Instruments THS0842 Datasheet HTML 19Page - Texas Instruments THS0842 Datasheet HTML 20Page - Texas Instruments THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
analog input (continued)
To maintain the frequency performance outlined in the specifications, the total source impedance should be
limited to the following equation with fCLK = 80 MHz, CI = 5 pF, RSW = 200 Ω:
R
S t
1
÷ 2f
CLK
C
I
In(256) –R
SW
So, for applications running at a lower fCLK, the total source resistance can increase proportionally.
The analog input of the THS0842 is a differential input that can be configured in various ways depending on
the signal source and the required level of performance. A fully differential connection (Figure 20) will deliver
the best performance from the converter. A dc voltage source, CML, equal to 1.5 V (typical), is made available
to the user to help simplify circuit design when using an ac coupled differential input. This low output impedance
voltage source is not designed to be a reference or to be loaded, but makes an excellent dc bias source and
stays well within the analog input common mode voltage range over temperature. Defining VREFD = VREFT
– VREFB, each single-ended analog input is limited to be between VCML + VREFD/2 and VCML – VREFD/2.
For the ac coupled differential input (Figure 23), full scale is achieved when the +I/Q and –I/Q input signals are
0.5 VPP, with –I/Q being 180 degrees out of phase with +I/Q. The converter will be at positive full scale when
the +I/Q input is at CML + 0.25 V and the –I/Q input is at CML – 0.25 V (+I/Q + I/Q – = 0.5 V). Conversely, the
converter will be at negative full scale when the +I/Q input is equal to CML – 0.25 V and –I/Q is at CML + 0.25 V
(I/Q+ + I/Q– = –0.5 V) (see Figure 19).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com