Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 20Page - Texas Instruments THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments THS0842 Datasheet HTML 24Page - Texas Instruments THS0842 Datasheet HTML 25Page - Texas Instruments THS0842 Datasheet HTML 26Page - Texas Instruments THS0842 Datasheet HTML 27Page - Texas Instruments THS0842 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
dc coupled input
C
THS0842
+
–
CML
R
AIN+
R
R
R
VIN
AIN–
REFT
REFB
C
THS0842
CML
AIN–
VIN
AIN+
REFT
REFB
Figure 24. DC-Coupled Input Circuits
For dc-coupled systems, an op-amp can level shift a ground referenced input signal. A circuit like Figure 27
could be used. In this case, the AIN voltage is given by: AIN = –VIN + VCML
reference terminals
The THS0842 input voltage range is determined by the voltages on terminals REFBI and REFTI. Since the
device has an internal voltage reference generator, it must be placed in power down before applying an external
voltage to the REFT and REFB pins. Especially at higher sampling rates, it is advantageous to have a wider
analog input range. This can be achievable by using external voltage references (e.g., at AVDD = 3.3 V, the full
scale range can be extended from 1 Vpp (internal reference) to 1.3 Vpp (external reference) as shown in Table 1).
These voltages should not be derived via a voltage divider from a power supply source. Instead, use a
bandgap-derived voltage reference to derive both references via an op-amp circuit. Refer to the schematic of
the THS0842 evaluation module in this datasheet for an example circuit.
When using external references, the full-scale ADC input range and its dc position can be adjusted. The
full-scale ADC range is always equal to VREFT – VREFB. The maximum full-scale range is dependent on AVDD
as shown in the specification section. Next to the constraint on their difference, there are limitations on the useful
range of VREFT and VREFB individually as well, dependent also on AVDD.
Table 1 summarizes these limits for 3 cases.
Table 1. Min/Max Reference Input Levels
AVDD
VREFB(min)
VREFB(max)
VREFT(min)
VREFT(max)
[VREFT–VREFB]max
3 V
0.8 V
1.2 V
1.8 V
2.2 V
1 V
3.3 V
0.8 V
1.2 V
2.1 V
2.5 V
1.3 V
3.6 V
0.8 V
1.2 V
2.4 V
2.8 V
1.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com