Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments THS0842 Datasheet HTML 24Page - Texas Instruments THS0842 Datasheet HTML 25Page - Texas Instruments THS0842 Datasheet HTML 26Page - Texas Instruments THS0842 Datasheet HTML 27Page - Texas Instruments THS0842 Datasheet HTML 28Page - Texas Instruments THS0842 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
THS0842
DA7
DA0
COUT
COUT
88
1D7
1D0
1Q7
1Q0
1D8
1D9
1Q8
1Q9
SN74LVC827A
SN74LVC374A
1D7
1D0
1Q7
1Q0
CLK
1D15
1D8
1Q15
1Q0
1D7
1D0
FIFO
HF Flag
WRTCLK
16
TMS320 DSP
INTR
Figure 27. Single Bus FIFO Connection to DSP Example
THS0842
DA7– DA0
FIFO
D16 – D9
D7 – D0
> WRTCLK
8
COUT
DSP
16
1Q15 – 1Q0
HF Flag
DB7– DB0
8
INTR
Figure 28. Dual Bus FIFO Connection to DSP Example
layout, decoupling and grounding rules
Proper grounding and layout of the PCB on which the THS0842 is populated are essential to achieve the stated
performance. It is advisable to use separate analog and digital ground planes that are spliced underneath the
device. The THS0842 has digital and analog terminals on opposite sides of the package to make this easier.
Since there is no internal connection between analog and digital grounds, they have to be joined on the PCB.
It is advisable to do this at one point in close proximity to the THS0842.
As for power supplies, separate analog and digital supply terminals are provided on the device (AVDD/DVDD).
The supply to the digital output drivers is kept separate also (DRVDD). Lowering the voltage on this supply to
3 V instead of the nominal 3.3 V improves performance because of the lower switching noise caused by the
output buffers.
Because of the high sampling rate and switched-capacitor architecture, THS0842 generates transients on the
supply and reference lines. Proper decoupling of these lines is essential. Decoupling as shown in the schematic
of the THS0842 EVM is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com