Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 18Page - Texas Instruments THS0842 Datasheet HTML 19Page - Texas Instruments THS0842 Datasheet HTML 20Page - Texas Instruments THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments THS0842 Datasheet HTML 24Page - Texas Instruments THS0842 Datasheet HTML 25Page - Texas Instruments THS0842 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
THS0842
CML
R
AIN+
C
VIN+
AIN–
VIN–
REFT
REFB
R
Figure 21. DC-Coupled Differential Input Circuit
For many applications, ac coupling offers a convenient way for biasing the analog input signal at the proper
signal range. Figure 20 shows a typical configuration. To maintain the outlined specifications, the component
values need to be carefully selected. The most important issue is the positioning of the 3 dB high-pass corner
point f–3 dB, which is a function of R (RS + RW – Figure 18) and the parallel combination of C1 and C2, called
Ceq. This is given by the following equation:
f
–3 dB +
1
÷ 2π xR xCeq
where Ceq is the parallel combination of C1 and C2 and R is the series combination of RS and RW seen in
Figure 18.
Since C1 is typically a large electrolytic or tantalum capacitor, the impedance becomes inductive at higher
frequencies. Adding a small ceramic or polystyrene capacitor, C2 of approximately 0.01
µF, which is not
inductive within the frequency range of interest, maintains low impedance. If the minimum expected input signal
frequency is 20 kHz, and R2 equals 1 k
Ω and R1 equals 50 Ω, the parallel capacitance of C1 and C2 must be
a minimum of 8 nF to avoid attenuating signals close to 20 kHz.
analog input, single-ended connection
The configuration shown in Figure 23 may be used with a single-ended ac coupled input. If I/Q is a 1 Vpp
sinewave, then I/Q IN+ is a 1 Vpp sinewave riding on a positive voltage equal to CML (see Figure 22). The
converter will be at positive full scale when I/Q IN+ is at CML+0.5V (I/Q IN+ – I/Q IN– = 0.5 V) and will be at
negative full scale when I/Q IN+ is equal to CML – 0.5 V (I/Q IN+ – I/Q IN– = –0.5 V). Sufficient headroom must
be provided such that the input voltage never goes above 3.3 V or below AGND. The simplest way is to use
the dc bias source output (CML) of the THS0842.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com