Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments THS0842 Datasheet HTML 24Page - Texas Instruments THS0842 Datasheet HTML 25Page - Texas Instruments THS0842 Datasheet HTML 26Page - Texas Instruments THS0842 Datasheet HTML 27Page - Texas Instruments THS0842 Datasheet HTML 28Page - Texas Instruments THS0842 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
digital inputs
The digital inputs are CLK, STDBY, PWDN_REF, and OE. All these signals, except CLK, have an internal
pulldown resistor to connect to digital ground. This provides a default active operation mode using internal
references when left unconnected.
The CLK signal at high frequencies should be considered as an analog input. Overshoot/undershoot should be
minimized by proper termination of the signal close to the THS0842. An important cause of performance
degradation for a high-speed ADC is clock jitter. Clock jitter causes uncertainty in the sampling instant of the
ADC, in addition to the inherent uncertainty on the sampling instant caused by the part itself, as specified by
its aperture jitter. There is a theoretical relationship between the frequency (f) and resolution (2N) of a signal
that needs to be sampled and the maximum amount of aperture error dtmax that is tolerable. The following
formula shows the relation:
dtmax + 1 B p f2
N
)1
As an example, for an 8-bit converter with a 15-MHz input, the jitter needs to be kept <41 pS in order not to have
changes in the LSB of the ADC output due to the total aperture error.
digital outputs
The output of THS0842 is straight binary code. Capacitive loading on the output should be kept as low as
possible (a maximum loading of 10 pF is recommended) to provide best performance. Higher output loading
causes higher dynamic output currents and can increase noise coupling into the device analog front end. To
drive higher loads, use an output buffer is recommended. See Figure 25 through Figure 28 for examples.
When clocking output data from the THS0842, it is important to observe its timing relation to CLK. Pipeline ADC
delay is 55 clock cycles to which the maximum output propagation delay is added. See Note 6 in the specification
section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com