Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 4Page - Texas Instruments THS0842 Datasheet HTML 5Page - Texas Instruments THS0842 Datasheet HTML 6Page - Texas Instruments THS0842 Datasheet HTML 7Page - Texas Instruments THS0842 Datasheet HTML 8Page - Texas Instruments THS0842 Datasheet HTML 9Page - Texas Instruments THS0842 Datasheet HTML 10Page - Texas Instruments THS0842 Datasheet HTML 11Page - Texas Instruments THS0842 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions with fCLK = 80 MSPS and use
of internal voltage references, AVDD = DVDD = DRVDD = 3 V, TA = –40°C to 80°C, dual output bus mode
(unless otherwise noted) (continued)
dynamic performance†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fin = 1 MHz
6.6
6.9
Effective number of bits, ENOB
fin = 15 MHz
6.4
6.8
Bits
fin = 20 MHz
6.4
6.8
fin = 1 MHz
41.5
43.5
Signal-to-total harmonic distortion + noise, S/(THD+N)
fin = 15 MHz
40
42.5
dB
fin = 20 MHz
40
42.5
fin = 1 MHz
–51
–46
Total harmonic distortion (THD)
fin = 15 MHz
–48.5
–44
dB
fin = 20 MHz
–48.5
–44
fin = 1 MHz
48
53
Spurious free dynamic range (SFDR)
fin = 15 MHz
47
52.2
dB
fin = 20 MHz
46
52
Analog input full-power bandwidth, BW
See Note 6
600
MHz
Intermodulation distortion
f1 = 1 MHz, f2 = 1.02 MHz
50
dBc
I/Q channel crosstalk
AVDD = DVDD = DRVDD = 3.3 V
–52
dBc
† Based on analog input voltage of – 1 dBFS referenced to a 1.3 Vpp full-scale input range.
NOTE 6: The analog input bandwidth is defined as the maximum frequency of a –1 dBFS input sine that can be applied to the device for which
an extra 3 dB attenuation is observed in the reconstructed output signal.
timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f lk
Maximum clock rate (see Note 7)
80
MHz
fclk
Minimum clock rate
10
kHz
td(O)
Output delay time (see timing diagram)
CL = 10 pF
9
ns
th(O)
Output hold time from COUT or COUT to data invalid
2
ns
td( i )
Pipeline delay (latency)
I data
5.5
5.5
5.5
CLK
td(pipe)
Pipeline delay (latency)
Q data
6.5
6.5
6.5
cycles
td(a)
Aperture delay time
3
ns
tj(a)
Aperture jitter
1.5
ps, rms
tdis
Disable time, OE rising to Hi-Z
5
ns
ten
Enable time, OE falling to valid data
5
ns
tsu(O)
Output setup time from data to COUT or COUT
8
7
ns
NOTE 7: Conversion rate is 1/2 the clock rate, fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com