Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMB239 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
5
Pin Number
Pin Name
Pin Type
Pin Description
1
BATT
Input
Battery Voltage Sense – Connect directly to positive terminal of
battery and bypass with a 4.7uF or greater capacitor.
3, 8, 18, 20,
22, 30, 32, 33
GND
Ground
Ground – Connect to isolated PCB ground.
10
STAT
Output
Status Indicator.
12
IN
Input
Voltage Input (+4.35V to +6.5V) – Bypass with a 4.7uF or greater
capacitor.
29
THERM
Input
Battery Thermistor Sense.
21
SDA
Input/Output
I
2C Bus Data.
19
SCL
Input
I
2C Bus Clock.
14
OUT
Output
Charge Current Output.
ENGINEERING PACKAGE AND PIN DESCRIPTIONS
1
SMB239
5mm x 5mm QFN-32
FOR ENGINEERING
SAMPLES ONLY
2
3
13
4
10
12
11
28
27
26
5
6
7
8
9
24
23
22
25
17
14
16
15
18
20
21
19
32
31
30
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com