Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 24 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 24 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 28Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
24
Table 9 – Battery charging control – 8-bit (address: 05h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Status Output
0
X
X
X
X
X
X
X
STAT is active low while charging, active
high all other times
1
X
X
X
X
X
X
X
STAT blinks while charging, is active low
when finished, active high when disabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Glitch Filter
X
X
0
X
X
X
X
X
Glitch filter enabled
X
X
1
X
X
X
X
X
Glitch filter disabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Fast-charge Timeout
X
X
X
X
0
0
X
X
350 min
X
X
X
X
0
1
X
X
699 min
X
X
X
X
1
0
X
X
1398 min
X
X
X
X
1
1
X
X
Disabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Pre-charge Timeout
X
X
X
X
X
X
0
0
44 min
X
X
X
X
X
X
0
1
87 min
X
X
X
X
X
X
1
0
175 min
X
X
X
X
X
X
1
1
Disabled
Table 10 – STAT Output – 8-bit (address: 07h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
STAT Output Indicator
X
X
X
X
X
0
X
X
Battery charge status
X
X
X
X
X
1
X
X
Input over-voltage or input under-voltage
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Battery over-voltage Behavior
X
X
X
X
X
X
0
X
Charger is shutdown
X
X
X
X
X
X
1
X
Charger is not shutdown
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
USB500/100 Control
X
X
X
X
X
X
X
0
Device is always limited to USB100 charge
levels
X
X
X
X
X
X
X
1
USB100/500 mode is determined by
Register 31[3]
Table 11 – Charging Mode – 8-bit (address: 0Ch) – Non-Volatile
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Charging Mode
X
X
X
X
X
0
0
X
Power cycle initiates charging
X
X
X
X
X
0
1
X
Power cycle initiates charging only when
VBATT < VFLT – 220mV
X
X
X
X
X
1
0
X
Power cycle initiates charging only when
VBATT < VFLT – 390mV
X
X
X
X
X
1
1
X
Power cycle initiates charging only when
VBATT < VFLT – 550mV
CONFIGURATION REGISTERS (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com