Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
17
Table 2: Recommended Bill of Material.
Item
Description
Vendor / Part Number
Qty
Ref. Des.
Resistors
1
Resistor, 24.9k, 0402, 1%
Vishay# CRCW04022492F
1
R1
2
Resistor, 10k, 0603, 1%
Vishay# CRCW06031002F
1
R2
3
Thermistor, 10k, 0402
TDK# NTCG103JF103FT
1
RT
Capacitors
4
Ceramic, 4.7uF, X5R, 16V, 0805
Murata# GRM40X5R475K16D520
2
C1, C3
5
Ceramic, 0.1uF, X7R, 16V, 0603
Kemet # C0603C104K4RACTU
1
C2
Semiconductors
6
SMB239E (CSP), Linear Charger
Summit Microelectronics
1
U1
7
LED, Red, SMD, 0805
Lite-On# LTST-C190CKT
1
D1
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com