Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
15
Figure 5 – Functional flow chart.
APPLICATIONS INFORMATION (CONTINUED)
Standby Mode
(Pause Charge)
Vin >
Vbat+130mV ?
(Always
Monitored)
NO
POR
Vbat <Vprechg?
Precharge Mode
Reset t(precharge)
Regulate Current to
I(precharge)
(<Icharge-max)
Vbat <Vprechg?
t(precharge)
expired?
YES
NO
Fast Charge Mode
Reset t(charge)
NO
NO
Battery Fault
YES
Regulate Current to
I(charge)
<(Icharge-max)
Vbat < Vfloat?
YES
NO
Regulate Voltage to
Vfloat
t(charge) expired?
YES
NO
Vbat <Vprechg?
YES
t(charge) expired?
Terminate Charge
Standby Mode
YES
Vbat < Vfloat-
115mV?
NO
YES
NO
I(charge) <
I(terrm)?
YES
NO
YES
Set I(charge-max)
YES
Terminate Charge
Standby Mode
NO
Vbat>2.0V?
NO
10mA trickle charge
(timers off)
YES
Vbatt <
Vfloat - 200mV ?
(Always
Monitored)
Optional Operation
(controlled by register)
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com