Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 26Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
22
Table 5 – Termination current – 8-bit (address: 01h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Termination Current
X
X
X
X
0
0
0
0
25mA
X
X
X
X
0
0
0
1
40mA
X
X
X
X
0
0
1
0
55mA
X
X
X
X
0
0
1
1
70mA
X
X
X
X
0
1
0
0
85mA
X
X
X
X
0
1
0
1
100mA
X
X
X
X
0
1
1
0
115mA
X
X
X
X
0
1
1
1
130mA
X
X
X
X
1
0
0
0
145mA
X
X
X
X
1
0
0
1
160mA
X
X
X
X
1
0
1
0
175mA
X
X
X
X
1
0
1
1
190mA
X
X
X
X
1
1
0
0
205mA
X
X
X
X
1
1
0
1
220mA
X
X
X
X
1
1
1
0
235mA
X
X
X
X
1
1
1
1
250mA
Table 6 – Float Voltage – 8-bit (address: 02h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Float Voltage
X
X
X
0
0
0
0
0
3.850V
X
X
X
0
0
0
0
1
4.020V
X
X
X
0
0
0
1
0
4.040V
X
X
X
0
0
0
1
1
4.060V
X
X
X
0
0
1
0
0
4.080V
X
X
X
0
0
1
0
1
4.100V
X
X
X
0
0
1
1
0
4.120V
X
X
X
0
0
1
1
1
4.140V
X
X
X
0
1
0
0
0
4.160V
X
X
X
0
1
0
0
1
4.180V
X
X
X
0
1
0
1
0
4.200V
X
X
X
0
1
0
1
1
4.220V
X
X
X
0
1
1
0
0
4.240V
X
X
X
0
1
1
0
1
4.260V
X
X
X
0
1
1
1
0
4.280V
X
X
X
0
1
1
1
1
4.300V
X
X
X
1
0
0
0
0
4.320V
X
X
X
1
0
0
0
1
4.340V
X
X
X
1
0
0
1
0
4.360V
X
X
X
1
0
0
1
1
4.380V
X
X
X
1
0
1
0
0
4.400V
Note 4: Never Write to Reserved bits.
CONFIGURATION REGISTERS (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com