Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 25 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 25 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 29Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
25
Table 12 – Configuration and User Memory Lock – 8-bit (address: 0Eh) – Non-Volatile
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Configuration Lock
X
X
X
X
X
0
X
X
Unlocked – user can write to non-volatile
Configuration bits
X
X
X
X
X
1
X
X
Locked – user cannot write to non-volatile
Configuration bits
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
User-Memory Lock
X
X
X
X
X
X
0
X
Unlocked – user can write to general
purpose EE bits (h20-h2F)
X
X
X
X
X
X
1
X
Locked – user cannot write to general
purpose EE bits (h20-h2F)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Volatile Writes Permission
X
X
X
X
X
X
X
0
No volatile writes to registers h00-h07
X
X
X
X
X
X
X
1
Allow volatile writes to registers h00-h07
(even if h0E[2]=1)
Table 13 – EN Polarity & I
2C Bus/Slave Address – 8-bit (address: 0Fh) – Non-Volatile
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
I
2C EN Polarity (Register 31[4])
0
X
X
X
X
X
X
X
Active low – i.e. when R31[4]=0, charging is
enabled
1
X
X
X
X
X
X
X
Active high – i.e. when R31[4]=1, charging is
enabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
I
2C Bus Address
X
0
0
0
X
X
X
X
000
X
0
0
1
X
X
X
X
001
X
0
1
0
X
X
X
X
010
X
0
1
1
X
X
X
X
011
X
1
0
0
X
X
X
X
100
X
1
0
1
X
X
X
X
101
X
1
1
0
X
X
X
X
110
X
1
1
1
X
X
X
X
111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
I
2C Slave Address
X
X
X
X
0
0
0
0
0000
X
X
X
X
0
0
0
1
0001
X
X
X
X
0
0
1
0
0010
X
X
X
X
0
0
1
1
0011
X
X
X
X
0
1
0
0
0100
X
X
X
X
0
1
0
1
0101
X
X
X
X
0
1
1
0
0110
X
X
X
X
0
1
1
1
0111
X
X
X
X
1
0
0
0
1000
X
X
X
X
1
0
0
1
1001
X
X
X
X
1
0
1
0
1010
X
X
X
X
1
0
1
1
1011
X
X
X
X
1
1
0
0
1100
X
X
X
X
1
1
0
1
1101
X
X
X
X
1
1
1
0
1110
X
X
X
X
1
1
1
1
1111
Note 4: Never Write to Reserved bits.
CONFIGURATION REGISTERS (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com