Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB239 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SMB239
© SUMMIT Microelectronics, Inc. 2005 • 757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2129 3.0 2/23/2009
1
Programmable Linear Battery Charger in 1.3 x 2.1 uCSPTM
INTRODUCTION
• World’s smallest linear charger
•
Linear charging for reduced board space
o
Up to 525mA charge current
o
Stable with small ceramic capacitors
• 4.35 to 6.5V input voltage range
• Small 1.3 x 2.1 uCSPTM package (0.5mm pitch)
• High-accuracy output voltage regulation: 1%
• Low reverse leakage current
• Digital programming of all major parameters via I2C
interface and lockable non-volatile memory
o
Battery voltage set point
o
Pre-charge, fast charge, termination current
o
Fast charge voltage threshold
o
Temperature limits
o
Charge safety timers
o
Automatic restart threshold
• Fault/Status indicator
• Wide range of protection features
o
Thermal regulation
o
Battery pack temperature monitor
o
Input/output over-voltage lockout
Applications
• Bluetooth & Stereo Headsets
• Noise Cancellation Headphones
• Wireless Handsets
• MP3 Players
• Wrist PDA/Watches
• Handheld Equipment
The SMB239 is a programmable single-cell lithium-ion/lithium-polymer
battery charger for a variety of portable applications.
The device
provides a simple way to charge low- and medium-capacity Li-Ion or
Li-Polymer batteries via a USB port or an AC port. Unlike conventional
devices, the SMB239’s very small package and high level of
configurability simplify design in a wide range of handheld equipment.
Charge control includes qualification, trickle-charge, pre-charge,
constant current/constant voltage, and termination/safety settings that
are fully programmable via a serial I2C/SMBus making the device truly
a flexible solution. Pre-charge, fast charge and termination current
levels can be set via I2C commands. The SMB239 offers the option to
automatically recharge the battery upon power cycling, only when
battery voltage falls 220/390/550mV below the selectable float voltage.
This allows for a reduced number of charge/discharge cycles, thereby
extending battery life.
The SMB239 offers a wide variety of features that protect the battery
pack as well as the charger and input circuitry: over-current, under-
and over-voltage, and thermal protection. Ultra-precise, 1% accurate,
float voltage control improves battery capacity utilization. Status can
be monitored via the serial port for charge state and fault conditions.
In addition, one LED driver output can be used to signal charge status.
As a protection mechanism, when the junction temperature
approaches approximately 110
°C, the SMB239 will start to reduce
charge current to ensure device and system reliability, while charging
the battery cell as fast as possible.
The SMB239 is available in a space-saving, 1.3mm x 2.1mm uCSP
TM
package with lead-free balls and is rated over the –30
°C to +85°C
temperature range.
Figure 1 – Applications block diagram featuring the SMB239 programmable linear battery charger.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
4.35V to 6.5V
10V Tolerance
GND
STAT
RLIM
RED
LED
OUT
1-cell
Li+ Battery
SCL
BATT
4.7uF
SDA
4.7uF
SMB239
Up to 525mA
Charge Current
Battery
OVLO
I2C Communication
THERM
IN


Similar Part No. - SMB239

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMB230 FCI-SMB230 Datasheet
114Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
Shanghai Leiditech Elec...
SMB230 LEIDITECH-SMB230 Datasheet
106Kb / 1P
Ceramic Gas Discharge Tube
logo
Rectron Semiconductor
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
SIDACTOR
More results

Similar Description - SMB239

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Summit Microelectronics...
SMB139 SUMMIT-SMB139 Datasheet
398Kb / 27P
Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
1A Linear Li-Ion Battery Charger in SOP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com