Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 23 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 23 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 27Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
23
Table 7 – Other Charging Parameters – 8-bit (address: 03h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Automatic Recharge
0
X
X
X
X
X
X
X
Enabled
1
X
X
X
X
X
X
X
Disabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Current Termination
X
0
X
X
X
X
X
X
Enabled
X
1
X
X
X
X
X
X
Disabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Pre-charge to Fast-charge Voltage
Threshold
X
X
0
0
0
X
X
X
2.4V
X
X
0
0
1
X
X
X
2.5V
X
X
0
1
0
X
X
X
2.6V
X
X
0
1
1
X
X
X
2.7V
X
X
1
0
0
X
X
X
2.8V
X
X
1
0
1
X
X
X
2.9V
X
X
1
1
0
X
X
X
3.0V
X
X
1
1
1
X
X
X
3.1V
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hold-off Timer
X
X
X
X
X
X
0
X
<1msec (short)
X
X
X
X
X
X
1
X
256msec (long)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Charger Error
X
X
X
X
X
X
X
0
Charger Error disallows re-charge cycles
X
X
X
X
X
X
X
1
Charger Errors are blocked
Table 8 – Cell temperature monitor – 8-bit (address: 04h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Thermistor Current
0
0
X
X
X
X
X
X
100
µA (10k NTC)
0
1
X
X
X
X
X
X
40
µA (25k NTC)
1
0
X
X
X
X
X
X
10
µA (100k NTC)
1
1
X
X
X
X
X
X
0
µA (Disabled)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Low Temperature Alarm Trip Point
X
X
0
0
0
X
X
X
-20
°C
X
X
0
0
1
X
X
X
-15
°C
X
X
0
1
0
X
X
X
-10
°C
X
X
0
1
1
X
X
X
-5
°C
X
X
1
0
0
X
X
X
0
°C
X
X
1
0
1
X
X
X
+5
°C
X
X
1
1
0
X
X
X
+10
°C
X
X
1
1
1
X
X
X
+15
°C
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
High Temperature Alarm Trip Point
X
X
X
X
X
0
0
0
+30
°C
X
X
X
X
X
0
0
1
+35
°C
X
X
X
X
X
0
1
0
+40
°C
X
X
X
X
X
0
1
1
+45
°C
X
X
X
X
X
1
0
0
+50
°C
X
X
X
X
X
1
0
1
+55
°C
X
X
X
X
X
1
1
0
+60
°C
X
X
X
X
X
1
1
1
+65
°C
CONFIGURATION REGISTERS (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com