Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 26 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 26 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 30Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
26
Table 14 – Volatile Configuration & Charger Enable – 8-bit (address: 31h) – Volatile
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Volatile Configuration
0
X
X
X
X
X
X
X
Volatile writes to h00-h07 are disabled
1
X
X
X
X
X
X
X
Volatile writes to h00-h07 are enabled
(if CFG h0E[0]=1)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Charger Enable
X
X
X
0
X
X
X
X
Enabled if 0F[7]=0; Disabled if 0F[7]=1
X
X
X
1
X
X
X
X
Disabled if 0F[7]=0; Enabled if 0F[7]=1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
USB500/100 Select
(This bit only has an effect when CFG
07[0]=1)
X
X
X
X
0
X
X
X
USB 100mA current level
X
X
X
X
1
X
X
X
USB 500mA current level
Table 15 – Battery status register – 8-bit (address: 36h) – Volatile (read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Charging Status
1
X
X
X
X
X
X
X
Charger has completed at least 1 successful
charge since being enabled
X
1
X
X
X
X
X
X
Charger has completed at least 1 re-charge
cycle since being enabled
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Timeout Status
X
X
0
0
X
X
X
X
No timeouts have occurred
X
X
0
1
X
X
X
X
Pre-charge timeout
X
X
1
0
X
X
X
X
Fast-charge timeout
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Charging Status
X
X
X
X
X
0
0
X
Idle
X
X
X
X
X
0
1
X
Pre-charging
X
X
X
X
X
1
0
X
Fast-charging
X
X
X
X
X
1
1
X
Charge termination
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Charging Status
X
X
X
X
X
X
X
1
Charger is enabled
Table 16 – Battery fault register – 8-bit (address: 37h) – Volatile (read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Fault Output
1
X
X
X
X
X
X
X
Battery missing
X
1
X
X
X
X
X
X
Charging error
X
X
1
X
X
X
X
X
Battery over-voltage condition
X
X
X
1
X
X
X
X
Charger over-voltage condition
X
X
X
X
1
X
X
X
Charger under-voltage condition
X
X
X
X
X
X
X
1
Termination Detect Current Threshold has
been hit
Note 4: Never Write to Reserved bits.
CONFIGURATION STATUS REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com