Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
10
I2C-2 WIRE SERIAL INTERFACE AC OPERATING CHARACTERISTICS – 400 kHz
TA= 0°C to +70°C, VIN = +5.0V, VFLOAT = +4.2V unless otherwise noted. All voltages are relative to GND.
400kHz
Symbol
Description
Conditions
Min
Typ
Max
Units
fSCL
SCL clock frequency
0
400
kHz
TLOW
Clock low period
1.3
µs
THIGH
Clock high period
0.6
µs
tBUF
Bus free time between a STOP
and a START condition
Before new transmission – Note
3
1.3
µs
tSU:STA
Start condition setup time
0.6
µs
tHD:STA
Start condition hold time
0.6
µs
tSU:STO
Stop condition setup time
0.6
µs
tAA
Clock edge to data valid
SCL low to valid SDA (cycle n)
0.2
0.9
µs
tRDH
Data output hold time
SCL low (cycle n+1) to SDA
change
0.2
µs
tR
SCL and SDA rise time
Note 3
20 +
0.1Cb
300
ns
tF
SCL and SDA fall time
Note 3
20 +
0.1Cb
300
ns
tSU:DAT
Data in setup time
100
ns
tHD:DAT
Data in hold time
0
0.9
µs
TI
Noise filter SCL and SDA
Noise suppression
140
ns
tWR_CONFIG
Write cycle time config
Configuration registers
10
ms
tWR_EE
Write cycle time EE
Memory array
5
ms
Note 3: Guaranteed by Design.
Figure 4 – I
2C Timing Diagrams
t
R
t
F
t
HIGH
t
LOW
t
SU:STA
t
HD:STA
t
SU:DAT
t
HD:DAT
t
SU:STO
t
BUF
t
DH
t
AA
SCL
SDA
(IN)
SDA
(OUT)
t
WR (For Write Operation Only)
I2C TIMING DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com