Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 21 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 25Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
21
CONFIDENTIAL
DO NOT COPY
The following tables describe the user-programmable registers of the SMB239 programmable battery charger.
Locations 00-0F are non-volatile, EEPROM registers; however, registers 00-07, which contain the battery charging
parameters, may also be configured to be programmable in RAM.
Locations 31-3F contain volatile status and
command registers. To lock all of the configuration registers, set 0E[2]=1; please note that this operation cannot be
undone. To allow volatile access to locations 00-07, set 0E[0]=1; then after every power-on, 31[7] must also be set
high. It is prohibited to write to any location, not specifically mentioned in the tables below
4.
Table 4 – Charge current – 8-bit (address: 00h) – Non-Volatile & Volatile (mirror)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Fast Charge Current
0
0
0
0
X
X
X
X
47.5mA
0
0
0
1
X
X
X
X
62.5mA
0
0
1
0
X
X
X
X
65.0mA
0
0
1
1
X
X
X
X
67.5mA
0
1
0
0
X
X
X
X
195mA
0
1
0
1
X
X
X
X
225mA
0
1
1
0
X
X
X
X
255mA
0
1
1
1
X
X
X
X
285mA
1
0
0
0
X
X
X
X
315mA
1
0
0
1
X
X
X
X
345mA
1
0
1
0
X
X
X
X
375mA
1
0
1
1
X
X
X
X
405mA
1
1
0
0
X
X
X
X
435mA
1
1
0
1
X
X
X
X
465mA
1
1
1
0
X
X
X
X
495mA
1
1
1
1
X
X
X
X
525mA
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Pre-charge current
X
X
X
X
0
0
0
0
25mA
X
X
X
X
0
0
0
1
37.5mA
X
X
X
X
0
0
1
0
50mA
X
X
X
X
0
0
1
1
62.5mA
X
X
X
X
0
1
0
0
75mA
X
X
X
X
0
1
0
1
87.5mA
X
X
X
X
0
1
1
0
100mA
X
X
X
X
0
1
1
1
112.5mA
X
X
X
X
1
0
0
0
125mA
X
X
X
X
1
0
0
1
137.5mA
X
X
X
X
1
0
1
0
150mA
X
X
X
X
1
0
1
1
162.5mA
X
X
X
X
1
1
0
0
175mA
X
X
X
X
1
1
0
1
187.5mA
X
X
X
X
1
1
1
0
200mA
X
X
X
X
1
1
1
1
212.5mA
Note 4: Never Write to Reserved bits.
Note 5: Charge current can be limited by internal current limit under certain conditions.
CONFIGURATION REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com