Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
18
DEVELOPMENT HARDWARE & SOFTWARE
The SMX3202 system consists of a USB programming
Dongle, cable and Windows
TM GUI software. It can be
ordered on the website or from a local representative.
The latest revisions of all software and an application
brief describing the SMX3202 is available from the
website (www.summitmicro.com).
The SMX3202 programming Dongle/cable interfaces
directly between a PC’s USB port and the target
application. The device is then configured on-screen via
an intuitive graphical user interface employing drop-
down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded to the SMB239 via the programming
Dongle and cable.
An example of the connection
interface is shown in Figure 9.
When design prototyping is complete, the software can
generate a HEX data file that should be transmitted to
Summit for approval. Summit will then assign a unique
customer ID to the HEX code and program production
devices before the final electrical test operations. This
will ensure proper device operation in the end
application.
Pin 9, 5.0V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, SHDN
Pin 10, NC
Top view of straight 0.1" x 0.1" closed-side
connector. SMX3202 interface cable connector.
9
7
5
3
1
10
8
6
4
2
SMB239
SDA
SCL
IN
GND
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com