Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB239 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
6
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ....................... -55°C to 155°C
Storage Temperature............................. -55°C to 125°C
Terminal Voltage with Respect to GND:
VIN ................................................... -0.3V to +10V
All Others ..............................................-0.3V to 6V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 s)...........................300°C
Junction Temperature.......................…….....…...150°C
HBM ESD Rating per JEDEC…………………..…4000V
MM ESD Rating per JEDEC………………….….…200V
CDM ESD Rating per JEDEC……………………..1000V
Latch-Up testing per JEDEC………..…....……
±100mA
Note: The device is not guaranteed to function outside its
operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions outside those listed in the
operational sections of the specification is not implied.
Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Devices are ESD sensitive. Handling precautions are
recommended.
Industrial Temperature Range ……… …-30°C to +85°C
VIN ..........................................................+4.35V to +6.5V
Package Thermal Resistance (
θJA)
uCSP
TM-8…………………………..………..….…68°C/W
Note: measured on a 2” x 2”, 4-layer PCB with a copper
weight of 1oz for each of the top, PWR, GND, and bottom
layer.
RELIABILITY CHARACTERISTICS
Data Retention…………………………..…..100 Years
Endurance…………………….……….100,000 Cycles
DC OPERATING CHARACTERISTICS
TA= -30°C to +85°C, VIN = +5.0V, VFLOAT = +4.2V unless otherwise noted. All voltages are relative to GND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
VIN
Input supply voltage
VFLT = 4.2V
+4.35
+6.5
V
VUVLO
Under-voltage lockout voltage
VFLT = 4.2V
+3.5
V
VUVLO-HYS
Under-voltage lockout
hysteresis
VFLT = 4.2V
10
mV
VOVLO
Input over-voltage lockout
voltage
+7.0
V
VVOB
Battery over-voltage lockout
voltage
VFLT+0.1
V
VASHDN
Automatic shutdown
threshold voltage
VIN – VBATT
130
mV
IIN-ACTIVE
Active supply current
0.7
mA
IIN-DISABLE
Disable supply current
Input voltage present
0.7
mA
ILK
Reverse leakage current
VIN < VBATT, T=0
oC to +70oC
2
µA
TREG
Thermal regulation
temperature
110
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com