Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 19Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 20Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 21Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 22Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 23Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 24Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 25Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 26Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 134 page
background image
Chapter 3 Modes of Operation
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
23
Table 3-1 summarizes the behavior of the MCU in wait mode.
3.6
Stop Mode
Stop mode is entered upon execution of a STOP instruction when the STOPE bit in the system option
register is set. In stop mode, all internal clocks to the CPU and the modules are halted. If the STOPE bit is
not set when the CPU executes a STOP instruction, the MCU will not enter stop mode and an illegal
opcode reset is forced.
Table 3-2 summarizes the behavior of the MCU in stop mode.
Upon entering stop mode, all of the clocks in the MCU are halted. The ICS is turned off by default when
the IREFSTEN bit is cleared and the voltage regulator is put in standby. The states of all of the internal
registers and logic, as well as the RAM content, are maintained. The I/O pin states are held.
Exit from stop is done by asserting RESET, any asynchronous interrupt that has been enabled, or the
real-time interrupt. The asynchronous interrupts are the KBI pins, LVD interrupt, or the ACMP interrupt.
If stop is exited by asserting the RESET pin, the MCU will be reset and program execution starts at
location $3FFD. If exited by means of an asynchronous interrupt or real-time interrupt, the next instruction
after the location where the STOP instruction was executed will be executed accordingly. It is the
responsibility of the user program to probe for the corresponding interrupt source that woke the CPU.
A separate self-clocked source (
≈1 kHz) for the real-time interrupt allows a wakeup from stop mode with
no external components. When RTIS = 000, the real-time interrupt function and the 1-kHz source are
disabled. Power consumption is lower when the 1-kHz source is disabled, but in that case, the real-time
interrupt cannot wake the MCU from stop.
The trimmed 32-kHz clock in the ICS module can also be enabled for the real-time interrupt to allow a
wakeup from stop mode with no external components. The 32-kHz clock reference is enabled by setting
Table 3-1. Wait Mode Behavior
Mode
CPU
Digital
Peripherals
ICS
ACMP
Regulator
I/O Pins
RTI
Wait
Standby
Optionally on
On
Optionally
on
On
States held
Optionally on
Table 3-2. Stop Mode Behavior
Mode
CPU
Digital
Peripherals
ICS1
1 ICS requires IREFSTEN = 1 and LVDE and LVDSE must be set to allow operation in stop.
ACMP2
2 If bandgap reference is required, the LVDE and LVDSE bits in the SPMSC1 must both be set before entering
stop.
Regulator
I/O Pins
RTI3
3 If the 32-kHz trimmed clock in the ICS module is selected as the clock source for the RTI, LVDE and LVDSE bits
in the SPMSC1 must both be set before entering stop.
Stop
Standby
Standby
Optionally
on
Optionally
on
Standby
States held
Optionally on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com