Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 20Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 21Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 22Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 23Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 24Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 25Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 26Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 27Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
Chapter 3 Modes of Operation
SC9RS08KA2 Series Data Sheet, Rev. 1
24
Freescale Semiconductor
the IREFSTEN bit. For the ICS to run in stop, the LVDE and LVDSE bits in the SPMSC1 must both be
set before entering stop.
3.6.1
Active BDM Enabled in Stop Mode
Entry into active background mode from run mode is enabled if the ENBDM bit in BDCSCR is set. This
register is described in the Development Support chapter of this data sheet. If ENBDM is set when the CPU
executes a STOP instruction, the system clocks to the background debug logic remain active when the
MCU enters stop mode so background debug communication is still possible. In addition, the voltage
regulator does not enter its low-power standby state; it maintains full internal regulation.
Most background commands are not available in stop mode. The memory-access-with-status commands
do not allow memory access, but they report an error indicating that the MCU is in either stop or wait
mode. The BACKGROUND command can be used to wake the MCU from stop and enter active
background mode if the ENBDM bit is set. After active background mode is entered, all background
commands are available.
Table 3-3 summarizes the behavior of the MCU in stop when entry into the active background mode is
enabled.
3.6.2
LVD Enabled in Stop Mode
The LVD system is capable of generating either an interrupt or a reset when the supply voltage drops below
the LVD voltage. If the LVD is enabled in stop (LVDE and LVDSE bits in SPMSC1 both set) at the time
the CPU executes a STOP instruction, the voltage regulator remains active.
Table 3-4 summarizes the behavior of the MCU in stop when LVD reset is enabled.
Table 3-3. BDM Enabled Stop Mode Behavior
Mode
CPU
Digital
Peripherals
ICS
ACMP
Regulator
I/O Pins
RTI
Stop
Standby
Standby
On
Optionally
on
On
States held
Optionally on
Table 3-4. LVD Enabled Stop Mode Behavior
Mode
CPU
Digital
Peripherals
ICS
ACMP
Regulator
I/O Pins
RTI
Stop
Standby
Standby
Optionally
on
Optionally
on
On
States held
Optionally on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com