Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 73Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 74Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 75Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 76Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 77Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 78Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 134 page
background image
Internal Clock Source (RS08ICSV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
77
Figure 9-2. Internal Clock Source (ICS) Block Diagram
9.2
External Signal Description
No ICS signal connects off chip.
9.3
Register Definition
Table 9-1 is a summary of ICS registers.
9.3.1
ICS Control Register 1 (ICSC1)
Table 9-1. ICS Register Summary
Name
76543
2
1
0
ICSC1
R
0
CLKS
0
0
0
0
0
IREFSTEN
W
ICSC2
R
BDIV
00
LP
000
W
ICSTRM
R
TRIM
W
ICSSC
R
00000
CLKST
0
FTRIM
W
DCO
Filter
TRIM
9
CLKS
n=0-3
/ 2n
Internal
Reference
Clock
BDIV
9
ICSOUT1
ICSIRCLK
IREFSTEN
LP
ICSFFCLK
DCOOUT
FLL
(32 kHz)
1 ICSOUT is two times the bus frequency
ICSIRCLK
/ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com