Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 14Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 15Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 16Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 17Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 18Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 19Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 20Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 21Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 134 page
background image
Chapter 2 Pins and Connections
SC9RS08KA2 Series Data Sheet, Rev. 1
18
Freescale Semiconductor
Figure 2-3. SC9RS08KA2 Series in 8-Pin Narrow Body SOIC
2.3
Recommended System Connections
Figure 2-4 shows reference connection for background debug and Flash programming.
Figure 2-4. Reference System Connection Diagram
2.4
Pin Detail
This section provides a detailed description of system connections.
PTA2/KBIP2/TCLK/RESET/VPP
PTA3/ACMPO/BKGD/MS
VDD
VSS
PTA4/KBIP4
PTA1/KBIP1/ACMP-
PTA0/KBIP0/ACMP+
PTA5/KBIP5
1
2
3
4
8
7
6
5
CBUK
10 μF
CBY
0.1 μF
VDD
VDD
VDD
VSS
BKGD/MS
RESET/VPP
PTA0/KBIP0/ACMP+
PTA1/KBIP1/ACMP-
SC9RS08KA2
BACKGROUND
HEADER
PTA4/KBIP4 (Note 1)
PTA5/KBIP5 (Note 1)
NOTES:
1. This pin is not available in the 6-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com