Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 37Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 41Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 42Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 134 page
background image
Chapter 5 Resets, Interrupts, and General System Control
SC9RS08KA2 Series Data Sheet, Rev. 1
40
Freescale Semiconductor
5.8.3
System Device Identification Register (SDIDH, SDIDL)
These high page read-only registers are included so host development systems can identify the RS08
derivative and revision number. This allows the development software to recognize where specific
memory blocks, registers, and control bits are located in a target MCU.
1. The revision number that is hard coded into these bits reflects the current silicon revision level.
Figure 5-3. System Device Identification Register — High (SDIDH)
Table 5-3. SOPT Register Field Descriptions
Field
Description
7
COPE
COP Watchdog Enable — This write-once bit selects whether the COP watchdog is enabled.
0 COP watchdog timer disabled.
1 COP watchdog timer enabled (force reset on timeout).
6
COPT
COP Watchdog Timeout — This write-once bit selects the timeout period of the COP.
0 Short timeout period selected.
1 Long timeout period selected.
5
STOPE
Stop Mode Enable — This write-once bit is used to enable stop mode. If stop mode is disabled and a user
program attempts to execute a STOP instruction, an illegal opcode reset is forced.
0 Stop mode disabled.
1 Stop mode enabled.
1
BKGDPE1,2
1 When the device is reset into normal operating mode (MS is high during reset), BKGDPE is reset to 1 if Flash security is
disengaged (SECD = 1); BKGDPE is reset to 0 if Flash security is engaged (SECD = 0). When the device is reset into active
BDM mode (MS is low during reset), BKGDPE is always reset to 1 such that BDM communication is allowed.
2 BKGDPE can only write once from value 1 to 0. Writing from value 0 to 1 by user software is not allowed. BKGDPE can be
changed back to 1 only by a POR or reset with proper condition as stated in Note 1.
Background Debug Mode Pin Enable — This write-once bit when set enables the PTA3/ACMPO/BKGD/MS
pin to function as BKGD/MS. When clear, the pin functions as one of its output only alternative functions. This
pin defaults to the BKGD/MS function following any MCU reset.
0 PTA3/ACMPO/BKGD/MS pin functions as PTA3 or ACMPO.
1 PTA3/ACMPO/BKGD/MS pin functions as BKGD/MS.
0
RSTPE
RESET Pin Enable — When set, this write-once bit enables the PTA2/KBIP2/TCLK/RESET/VPP pin to function
as RESET. When clear, the pin functions as one of its input-only alternative functions. This pin is input-only port
function following an MCU POR. When RSTPE is set, an internal pullup device is enabled on RESET.
0 PTA2/KBIP2/TCLK/RESET/VPP pin functions as PTA2/KBIP2/TCLK/VPP.
1 PTA2/KBIP2/TCLK/RESET/VPP pin functions as RESET/VPP.
76
54
321
0
R
REV3
REV2
REV1
REV0
ID11
ID10
ID9
ID8
W
Reset:
0 (Note 1)
0 (Note 1)
0 (Note 1)
0 (Note 1)
1
0
0
0
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com