Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 27Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 28Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 29Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 30Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 31Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 32Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 134 page
background image
Chapter 4 Memory
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
31
3. Write any data to any Flash location, via the high page accessing window $00C0–$00FF. (Prior to
the data writing operation, the PAGESEL register must be configured correctly to map the high
page accessing window to the any Flash locations).
4. Wait for a time, tnvs.
5. Set the HVEN bit.
6. Wait for a time tme.
7. Clear the MASS bit.
8. Wait for a time, tnvh1.
9. Clear the HVEN bit.
10. After time, trcv, the memory can be accessed in read mode again.
11. Remove external VPP.
NOTE
Flash memory cannot be programmed or erased by software code executed
from Flash locations. To program or erase Flash, commands must be
executed from RAM or BDC commands. User code should not enter wait or
stop during an erase or program sequence.
These operations must be performed in the order shown, but other unrelated
operations may occur between the steps.
4.6.4
Security
The SC9RS08KA2 Series includes circuitry to help prevent unauthorized access to the contents of Flash
memory. When security is engaged, Flash is considered a secure resource. The RAM, direct-page registers,
and background debug controller are considered unsecured resources. Attempts to access a secure memory
location through the background debug interface, or whenever BKGDPE is set, are blocked (reads return
all 0s).
Security is engaged or disengaged based on the state of a nonvolatile register bit (SECD) in the FOPT
register. During reset, the contents of the nonvolatile location NVOPT are copied from Flash into the
working FOPT register in high-page register space. A user engages security by programming the NVOPT
location, which can be done at the same time the Flash memory is programmed. Notice the erased state
(SECD = 1) makes the MCU unsecure. When SECD in NVOPT is programmed (SECD = 0), next time
the device is reset via POR, internal reset, or external reset, security is engaged. In order to disengage
security, mass erase must be performed via BDM commands and followed by any reset.
The separate background debug controller can still be used for registers and RAM access. Flash mass erase
is possible by writing to the Flash control register that follows the Flash mass erase procedure listed in
Section 4.6.3, “Flash Mass Erase Operation,” via BDM commands.
Security can always be disengaged through the background debug interface by following these steps:
1. Mass erase Flash via background BDM commands or RAM loaded program.
2. Perform reset and the device will boot up with security disengaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com