Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 29Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 30Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 31Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 32Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
Chapter 4 Memory
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
33
4.7.2
Flash Control Register (FLCR)
4.8
Page Select Register (PAGESEL)
There is a 64-byte window ($00C0–$00FF) in the direct-page reserved for paging access. Programming
the page select register determines the corresponding 64-byte block on the memory map for direct-page
access. For example, when the PAGESEL register is programmed with value $08, the high page registers
($0200–$023F) can be accessed through the paging window ($00C0–$00FF) via direct addressing mode
instructions.
765
432
10
R
0
000
HVEN
MASS
0
PGM1
W
Reset
0
000
000
0
= Unimplemented or Reserved
Figure 4-4. Flash Control Register (FLCR)
Table 4-3. FLCR Field Descriptions
Field
Description
3
HVEN
High Voltage Enable — This read/write bit enables high voltages to the Flash array for program and erase
operations. HVEN can be set only if either PGM = 1 or MASS = 1 and the proper sequence for program or erase
is followed.
0 High voltage disabled to array.
1 High voltage enabled to array.
2
MASS
Mass Erase Control Bit — This read/write bit configures the memory for mass erase operation.
0 Mass erase operation not selected.
1 Mass erase operation selected.
0
PGM1
1 When Flash security is engaged, writing to PGM bit has no effect. As a result, Flash programming is not allowed.
Program Control Bit — This read/write bit configures the memory for program operation. PGM is interlocked
with the MASS bit such that both bits cannot be equal to 1 or set to 1 at the same time.
0 Program operation not selected.
1 Program operation selected.
765
432
10
R
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
W
Reset
0
000
100
0
Figure 4-5. Page Select Register (PAGESEL)
Table 4-4. PAGESEL Field Descriptions
Field
Description
7:0
AD[13:6]
Page Selector— These bits define the address line bit 6 to bit 13, which determines the 64-byte block boundary
of the memory block accessed via the direct page window. See Figure 4-6 and Table 4-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com