Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 81Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 82Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 83Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 84Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 85Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 87Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
Analog Comparator (RS08ACMPV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
84
Freescale Semiconductor
10.1.1
Features
The ACMP has the following features:
•
Full rail-to-rail supply operation
•
Less than 40 mV of input offset
•
Less than 15 mV of hysteresis
•
Selectable interrupt on rising edge, falling edge, or either rising or falling edges of comparator
output
•
Option to compare to fixed internal bandgap reference voltage
•
Option to allow comparator output to be visible on a pin, ACMPO
•
Remains operational in stop mode
10.1.2
Modes of Operation
This section defines the ACMP operation in wait, stop, and background debug modes.
10.1.2.1
Operation in Wait Mode
The ACMP continues to operate in wait mode if enabled before executing the WAIT instruction.
Therefore, the ACMP can be used to bring the MCU out of wait mode if the ACMP interrupt is enabled
(ACIE = 1). For lowest possible current consumption, the ACMP should be disabled by software if not
required as an interrupt source during wait mode.
10.1.2.2
Operation in Stop Mode
The ACMP continues to operate in stop mode if enabled and compare operation remains active. If ACOPE
is enabled, comparator output operates as in the normal operating mode and comparator output is placed
onto the external pin. The MCU is brought out of stop when a compare event occurs and ACIE is enabled;
ACF flag sets accordingly.
If stop is exited with a reset, the ACMP will be put into its reset state.
10.1.2.3
Operation in Active Background Mode
When the MCU is in active background mode, the ACMP will continue to operate normally.
10.1.3
Block Diagram
The block diagram for the analog comparator module is shown in Figure 10-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com