Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 46Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 47Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 48Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 49Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 50Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 51Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
Chapter 6 Parallel Input/Output Control
SC9RS08KA2 Series Data Sheet, Rev. 1
48
Freescale Semiconductor
corresponding pulling device enable register bit. The pulling device is also disabled if the pin is controlled
by an analog function.
6.3.1.2
Pullup/Pulldown Control
Pullup/pulldown control is used to select the pullup or pulldown device enabled by the corresponding
PTAPE bit.
Figure 6-5. Pullup/Pulldown Device Control for Port A (PTAPUD)
6.3.1.3
Output Slew Rate Control Enable
Slew rate control can be enabled for each port pin by setting the corresponding bit in the slew rate control
register (PTASEn). When enabled, slew control limits the rate at which an output can transition in order to
reduce EMC emissions. Slew rate control has no effect on pins that are configured as inputs.
76
54
321
0
R
00
PTAPE5
PTAPE4
0
PTAPE2
PTAPE1
PTAPE0
W
Reset:
000
00
000
Figure 6-4. Internal Pulling Device Enable for Port A Register (PTAPE)
Table 6-3. PTAPE Register Field Descriptions
Field
Description
5:4,2:0
PTAPE[5:4,2:0]
Internal Pulling Device Enable for Port A Bits — Each of these control bits determines whether the internal
pulling device is enabled for the associated PTA pin. For port A pins that are configured as outputs, these bits
have no effect and the internal pullup devices are disabled.
0 Internal pulling device disabled for port A bit n.
1 Internal pulling device enabled for port A bit n.
76
54
321
0
R
00
PTAPUD5
PTAPUD4
0
PTAPUD2
PTAPUD1
PTAPUD0
W
Reset:
000
00
000
Table 6-4. PTAPUD Register Field Descriptions
Field
Description
5:4,2:0
PTAPUD[5:4,2:0]
Pullup/Pulldown Device Control for Port A Bits — Each of these control bits determines whether the
internal pullup or pulldown device is selected for the associated PTA pin. The actual pullup/pulldown device
is only enabled by enabling the associated PTAPE bit.
0 Internal pullup device is selected for port A bit n.
1 Internal pulldown device is selected for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com