Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 57Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 58Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 59Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 60Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 61Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 62Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 63Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 64Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
61
8.2.7
Page Select Register (PAGESEL)
This 8-bit page select register allows the user to access all memory locations in the entire
16K-byte address space through a page window located from $00C0 to $00FF. This register
resides at the memory mapped location $001F.
For details on the PAGESEL register, please refer to
the RS08 Core Reference Manual.
8.3
Addressing Modes
Whenever the MCU reads information from memory or writes information into memory, an addressing
mode is used to determine the exact address where the information is read from or written to. This section
explains several addressing modes and how each is useful in different programming situations.
Every opcode tells the CPU to perform a certain operation in a certain way. Many instructions, such as load
accumulator (LDA), allow several different ways to specify the memory location to be operated on, and
each addressing mode variation requires a separate opcode. All of these variations use the same instruction
mnemonic, and the assembler knows which opcode to use based on the syntax and location of the operand
field. In some cases, special characters are used to indicate a specific addressing mode (such as the #
[pound] symbol, which indicates immediate addressing mode). In other cases, the value of the operand
tells the assembler which addressing mode to use. For example, the assembler chooses short addressing
mode instead of direct addressing mode if the operand address is from $0000 to $001F. Besides allowing
the assembler to choose the addressing mode based on the operand address, assembler directives can also
be used to force direct or tiny/short addressing mode by using the “>” or “<” prefix before the operand,
respectively.
Some instructions use more than one addressing mode. For example, the move instructions use one
addressing mode to access the source value from memory and a second addressing mode to access the
destination memory location. For these move instructions, both addressing modes are listed in the
documentation. All branch instructions use relative (REL) addressing mode to determine the destination
for the branch, but BRCLR, BRSET, CBEQ, and DBNZ also must access a memory operand. These
instructions are classified by the addressing mode used for the memory operand, and the relative
addressing mode for the branch offset is assumed.
The discussion in the following paragraphs includes how each addressing mode works and the syntax clues
that instruct the assembler to use a specific addressing mode.
8.3.1
Inherent Addressing Mode (INH)
This addressing mode is used when the CPU inherently knows everything it needs to complete the
instruction and no addressing information is supplied in the source code. Usually, the operands that the
CPU needs are located in the CPU’s internal registers, as in LSLA, CLRA, INCA, SLA, RTS, and others.
A few inherent instructions, including no operation (NOP) and background (BGND), have no operands.
8.3.2
Relative Addressing Mode (REL)
Relative addressing mode is used to specify the offset address for branch instructions relative to the
program counter. Typically, the programmer specifies the destination with a program label or an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com