Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 56Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 57Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 58Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 59Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 60Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 61Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 62Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
59
8.2.2
Program Counter (PC)
The program counter is a 14-bit register that contains the address of the next instruction or operand to be
fetched.
During normal execution, the program counter automatically increments to the next sequential memory
location each time an instruction or operand is fetched. Jump, branch, and return operations load the
program counter with an address other than that of the next sequential location. This is called a
change-of-flow.
During reset, the program counter is loaded with $3FFD and the program will start execution from this
specific location.
8.2.3
Shadow Program Counter (SPC)
The shadow program counter is a 14-bit register. During a subroutine call using either a JSR or a BSR
instruction, the return address will be saved into the SPC. Upon completion of the subroutine, the RTS
instruction will restore the content of the program counter from the shadow program counter.
During reset, the shadow program counter is loaded with $3FFD.
8.2.4
Condition Code Register (CCR)
The 2-bit condition code register contains two status flags. The content of the CCR in the RS08 is not
directly readable. The CCR bits can be tested using conditional branch instructions such as BCC and BEQ.
These two register bits are directly accessible through the BDC interface. The following paragraphs
provide detailed information about the CCR bits and how they are used. Figure 8-3 identifies the CCR bits
and their bit positions.
Figure 8-3. Condition Code Register (CCR)
The status bits (Z and C) are cleared to 0 after reset.
The two status bits indicate the results of arithmetic and other instructions. Conditional branch instructions
will either branch to a new program location or allow the program to continue to the next instruction after
the branch, depending on the values in the CCR status bit. Conditional branch instructions, such as BCC,
BCS, and BNE, cause a branch depending on the state of a single CCR bit.
Often, the conditional branch immediately follows the instruction that caused the CCR bit(s) to be updated,
as in this sequence:
cmp
#5
;compare accumulator A to 5
blo
lower
;branch if A smaller 5
more:
deca
;do this if A not higher than or same as 5
lower:
CARRY
ZERO
CCR
C
Z
CONDITION CODE REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com