Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 23Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 24Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 25Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 26Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 27Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 28Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 29Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 30Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
Chapter 4 Memory
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
27
4.2
Unimplemented Memory
Attempting to access either data or an instruction at an unimplemented memory address will cause reset.
4.3
Indexed/Indirect Addressing
Register D[X] and register X together perform the indirect data access. Register D[X] is mapped to address
$000E. Register X is located in address $000F. The 8-bit register X contains the address that is used when
register D[X] is accessed. Register X is cleared to zero upon reset. By programming register X, any
location on the first page ($0000–$00FF) can be read/written via register D[X]. Figure 4-2 shows the
relationship between D[X] and register X. For example, in HC08/S08 syntax lda ,x is comparable to lda
D[X] in RS08 coding when register X has been programmed with the index value.
The physical location of $000E is in RAM. Accessing the location through D[X] returns $000E RAM
content when register X contains $0E. The physical location of $000F is register X, itself. Reading the
location through D[X] returns register X content; writing to the location modifies register X.
Figure 4-2. Indirect Addressing Registers
4.4
RAM and Register Addresses and Bit Assignments
The fast access RAM area can be accessed by instructions using tiny, short, and direct addressing mode
instructions. For tiny addressing mode instructions, the operand is encoded along with the opcode to a
single byte.
D[X]
Register X
Content of this location can be accessed via D[X]
$000E
$000F
$00FF
Address indicated in
$0100
Register X can specify
any location between
$0000–$00FF
Register X
$0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com