Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 87Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 88Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 89Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 90Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 91Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 92Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 93Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
Modulo Timer (RS08MTIMV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
90
Freescale Semiconductor
11.1.1
Features
Timer system features include:
•
8-bit up-counter
— Free-running or 8-bit modulo limit
— Software controllable interrupt on overflow
— Counter reset bit (TRST)
— Counter stop bit (TSTP)
•
Four software selectable clock sources for input to prescaler:
— System bus clock — rising edge
— Fixed frequency clock (XCLK) — rising edge
— External clock source on the TCLK pin — rising edge
— External clock source on the TCLK pin — falling edge
•
Nine selectable clock prescale values:
— Clock source divide by 1, 2, 4, 8, 16, 32, 64, 128, or 256
11.1.2
Modes of Operation
This section defines the MTIM’s operation in stop, wait and background debug modes.
11.1.2.1
Operation in Wait Mode
The MTIM continues to run in wait mode if enabled before executing the WAIT instruction. Therefore,
the MTIM can be used to bring the MCU out of wait mode if the timer overflow interrupt is enabled. For
lowest possible current consumption, the MTIM must be disabled by software if not needed as an interrupt
source during wait mode.
11.1.2.2
Operation in Stop Modes
The MTIM is disabled in all stop modes, regardless of the settings before executing the STOP instruction.
Therefore, the MTIM cannot be used as a wake up source from stop mode.
If stop is exited with a reset, the MTIM will be put into its reset state. If stop is exited with an interrupt,
the MTIM continues from the state it was in when stop was entered. If the counter was active upon entering
stop, the count will resume from the current value.
11.1.2.3
Operation in Active Background Mode
The MTIM suspends all counting until the MCU returns to normal user operating mode. Counting resumes
from the suspended value as long as an MTIM reset did not occur (TRST written to a 1 or any value is
written to the MTIMMOD register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com