Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CPC Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CPC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CPC Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CPC Datasheet HTML 108Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 109Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 110Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 111Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 112Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 113Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 114Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 115Page - Freescale Semiconductor, Inc SC9RS08KA2J3CPC Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
112
Freescale Semiconductor
Input low voltage (VDD > 2.3 V) (all digital inputs)
VIL
——
0.30
×
VDD
V
Input low voltage (1.8 V
≤ V
DD ≤ 2.3 V)
(all digital inputs)
VIL
——
0.30
×
VDD
V
Input hysteresis (all digital inputs)
Vhys
0.06
× V
DD
——
V
Input leakage current (per pin)
VIn = VDD or VSS, all input only pins
|IIn|—
0.025
1.0
μA
High impedance (off-state) leakage current (per pin)
VIn = VDD or VSS, all input/output
|IOZ|—
0.025
1.0
μA
Internal pullup/pulldown resistors2 (all port pins)
RPU
20
45
65
k
Ω
Output high voltage (port A)
IOH = –5 mA (VDD ≥ 4.5 V)
IOH = –3 mA (VDD ≥ 3 V)
IOH = –2 mA (VDD ≥ 1.8 V)
VOH
VDD – 0.8
—
—
—
—
V
Maximum total IOH for all port pins
|IOHT|—
—
40
mA
Output low voltage (port A)
IOL = 5 mA (VDD ≥ 4.5 V)
IOL = 3 mA (VDD ≥ 3 V)
IOL = 2 mA (VDD ≥ 1.8 V)
VOL
——
0.8
0.8
0.8
V
Maximum total IOL for all port pins
IOLT
——
40
mA
dc injection current3, 4, 5 6
VIn < VSS, VIn > VDD
Single pin limit
Total MCU limit, includes sum of all stressed pins
|IIC|—
—
0.2
0.8
mA
mA
Input capacitance (all non-supply pins)
CIn
——
7
pF
1 This parameter is characterized and not tested on each device.
2 Measurement condition for pull resistors: V
In = VSS for pullup and VIn = VDD for pulldown.
3 All functional non-supply pins are internally clamped to V
SS and VDD except the RESET/VPP which is internally clamped to
VSS only.
4 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
5 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result
in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or
if clock rate is very low which would reduce overall power consumption.
6 This parameter is characterized and not tested on each device.
Table A-4. DC Characteristics (continued)
(Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com