Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
22
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
NOTE
The term ‘OVDD’ in this section refers to the associated supply rail of an
input or output. The association is shown in Table 111 and Table 114.
3.3.1
GPIO/HSGPIO I/0 DC Parameters
The parameters in Table 13 are guaranteed per the operating ranges in Table 8, unless otherwise noted.
Table 13. GPIO/HSGPIO DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
Iout = -1 mA
OVDD –0.15
—
OVDD + 0.3
V
Low-level output voltage
Vol
Iout = 1mA
—
—
0.15
V
High-level output current
Ioh
Vout = 0.8
×OVDD
Low drive
Medium drive
High drive
Max drive
–1.9
–3.7
–5.2
–6.6
——
mA
Low-level output current
Iol
Vout = 0.2
×OVDD
Low drive
Medium drive
High drive
Max drive
1.9
3.7
5.2
6.6
——
mA
High-Level DC input voltage1
1 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1ns to 1s.
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1
VIL
—
0
—
0.3
×OVDD
V
Input Hysteresis
VHYS
OVDD = 1.875
OVDD = 2.775
0.25
0.34
0.45
—V
Schmitt trigger VT+1, 2
2 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
VT+
—
0.5OVDD
—
—
V
Schmitt trigger VT-1, 2
VT-
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
IIN
VI = OVDD or 0
—
—
TBD
—
Input current (22 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
—
—
161
TBD
μA
Input current (47 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
76
TBD
μA
Input current (100 k
Ω Pull-up)
IIN
VI = 0
VI=OVDD
——
36
TBD
μA
Input current (100 k
Ω Pull-down)
IIN
VI = 0
VI = OVDD
——
TBD
36
μA
High-impedance I/O supply
current
Icc-ovdd
VI = OVDD or 0
—
—
TBD
μA
Keeper Circuit Resistance
OVDD = 1.875V
OVDD = 2.775V
—
—
22
17
—
—
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com