Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
32
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.5.2
Fast I/O AC Parameters
3.5.3
I2C AC Parameters
NOTE: See the errata for HS-I2C in i.MX51 Chip Errata document. The two standard I2C modules have
no errata
Figure 6 depicts the load circuit for output pads for standard- and fast-mode. Figure 7 depicts the output
pad transition time definition. Figure 6 depicts pull-up current source measurement for HS-mode. Figure 8
Output Pad di/dt (Low drive)
tdit
—
—
—
7
mA/ns
Input Transition Times1
trm
—
—
—
25
ns
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
Table 25. Fast I/O AC Parameters
Parameter
Symbol
Test
Condition
Min Rise/Fall
Typ
Max Rise/Fall
Unit
Output Pad Transition Times (Max Drive)
tr, tf
15 pF
35 pF
—
—
1.429/1.275
2.770/2.526
ns
Output Pad Transition Times (High
Drive)
tr, tf
15 pF
35 pF
—
—
1.793/1.607
3.565/3.29
ns
Output Pad Transition Times (Medium
Drive)
tr, tf
15 pF
35 pF
—
—
2.542/2.257
5.252/4.918
ns
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
—
—
4.641/4.456
10.699/10.0
ns
Output Pad Slew Rate (Max Drive)
tps
15 pF
35 pF
0.69/0.78
0.36/0.39
——
V/ns
Output Pad Slew Rate (High Drive)
tps
15 pF
35 pF
0.55/0.62
0.28/0.30
——
V/ns
Output Pad Slew Rate (Medium Drive)
tps
15 pF
35 pF
0.39/0.44
0.19/0.20
——
V/ns
Output Pad Slew Rate (Low Drive)
tps
15 pF
35 pF
0.21/0.22
0.09/0.1
——
V/ns
Output Pad di/dt (Max Drive)
tdit
—
—
—
70
mA/ns
Output Pad di/dt (High Drive)
tdit
—
—
—
53
mA/ns
Output Pad di/dt (Medium drive)
tdit
—
—
—
35
mA/ns
Output Pad di/dt (Low drive)
tdit
—
—
—
18
mA/ns
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition time greater than 25 ns.
trm
—
—
—
25
ns
Table 24. Slow I/O AC Parameters (continued)
Parameter
Symbol
Test Condition
Min Rise/Fall
Typ
Max Rise/Fall
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com