Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
33
Preliminary—Subject to Change Without Notice
depicts load circuit with external pull-up current source for HS-mode. Figure 9 depicts HS-mode timing
definition.
Figure 6. Load Circuit for Standard- and Fast-Mode
Figure 7. Definition of Timing for Standard- and Fast-Mode
Figure 8. Load Circuit for HS-Mode with External Pull-Up Current Source
Figure 9. Definition of Timing for HS-Mode
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
0V
OVDD
70%
30%
tf
Output
Test Point
From Output
Under Test
CL2
3 mA1
OVDD
1Load current when output is between 0.3
×OVDD and 0.7×OVDD
2CL includes package, probe, and fixture capacitance.
Notes:
0V
OVDD
30%
70%
70%
30%
tTLH
tTHL
Output (at pad)
PA3Max = max of tTLH and tTHL
PA4Max = max tTHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com