Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
6
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Features
EMI
External
Memory
Interface
Connectivity
Peripherals
The EMI is an external and internal memory interface. It performs arbitration
between multi-AXI masters to multi-memory controllers, divided into four major
channels: fast memories (Mobile DDR, DDR2) channel, slow memories
(NOR-FLASH/PSRAM/NAND-FLASH etc.) channel, internal memory (RAM,
ROM) channel and graphical memory (GMEM) Channel.
In order to increase the bandwidth performance, the EMI separates the buffering
and the arbitration between different channels so parallel accesses can occur.
By separating the channels, slow accesses do not interfere with fast accesses.
EMI features:
• 64-bit and 32-bit AXI ports
• Enhanced arbitration scheme for fast channel, including dynamic master
priority, and taking into account which pages are open or closed and what
type (Read or Write) was the last access
• Flexible bank interleaving
• Supports 16/32-bit Mobile DDR up to 200 MHz SDCLK (mDDR400)
• Supports 16/32-bit (Non-Mobile) DDR2 up to 200 MHz SDCLK (DDR2-400)
• Supports up to 2 Gbit Mobile DDR memories
• Supports 16-bit (in muxed mode only) PSRAM memories (sync and async
operating modes), at slow frequency, for debugging purposes
• Supports 32-bit NOR-Flash memories (only in muxed mode), at slow
frequencies for debugging purposes
• Supports 4/8-ECC, page sizes of 512 Bytes, 2 KBytes and 4 KBytes
• NAND-Flash (including MLC)
• Multiple chip selects
• Enhanced Mobile DDR memory controller, supporting access latency hiding
• Supports watermarking for security (Internal and external memories)
• Supports Samsung OneNAND
™ (only in muxed I/O mode)
EPIT-1
EPIT-2
Enhanced
Periodic
Interrupt
Timer
Timer
Peripherals
Each EPIT is a 32-bit “set and forget” timer that starts counting after the EPIT is
enabled by software. It is capable of providing precise interrupts at regular
intervals with minimal processor intervention. It has a 12-bit prescaler for division
of input clock frequency to get the required time setting for the interrupts to occur,
and counter values can be programmed on the fly.
eSDHC-1
eSDHC-2
eSDHC-3
Enhanced
Multi-Media
Card/
Secure Digital
Host
Controller
Connectivity
Peripherals
The features of the eSDHC module, when serving as host, include the following:
• Conforms to SD Host Controller Standard Specification version 2.0
• Compatible with the MMC System Specification version 4.2
• Compatible with the SD Memory Card Specification version 2.0
• Compatible with the SDIO Card Specification version 1.2
• Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD
Combo, MMC and MMC RS cards
• Configurable to work in one of the following modes:
—SD/SDIO 1-bit, 4-bit
—MMC 1-bit, 4-bit, 8-bit
• Full-/high-speed mode
• Host clock frequency variable between 32 kHz to 52 MHz
• Up to 200 Mbps data transfer for SD/SDIO cards using four parallel data lines
• Up to 416 Mbps data transfer for MMC cards using eight parallel data lines
Table 2. i.MX51 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com