Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 82Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 83Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 84Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 85Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 86Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 87Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 88Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 89Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
86
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.8.6.1
TV Encoder Performance Specifications
The TV encoder output specifications are shown in Table 69.
Table 69. TV Encoder Video Performance Specifications
Parameter
Conditions
Min
Typ
Max
Unit
DAC STATIC PERFORMANCE
Resolution1
10
Bits
Integral Nonlinearity (INL)2
1
2
LSBs
Differential Nonlinearity (DNL)2
0.6
1
LSBs
Channel-to-channel gain matching2
2%
Full scale output voltage2
Rload = 37.5 Ohm
Rset = 1.05 kOhm
1.24
1.306
1.37
V
DAC DYNAMIC PERFORMANCE
Spurious Free Dynamic Range (SFDR)
Fout = 3.38 MHz
Fsamp = 216 MHz
59
dBc
Spurious Free Dynamic Range (SFDR)
Fout = 9.28 MHz
Fsamp = 297 MHz
54
dBc
VIDEO PERFORMANCE IN SD MODE2, 3
Short Term Jitter (Line to Line)
2.5
±ns
Long Term Jitter (Field to Field)
3.5
±ns
Frequency Response
0-4.0 MHz
-0.1
0.1
dB
5.75 MHz
-0.7
0
dB
Luminance Nonlinearity
0.5
±%
Differential Gain
0.35
%
Differential Phase
0.6
Degrees
Signal-to-Noise Ratio (SNR)
Flat field full bandwidth
75
dB
Hue Accuracy
0.8
±Degrees
Color Saturation Accuracy
1.5
±%
Chroma AM Noise
-70
dB
Chroma PM Noise
-47
dB
Chroma Nonlinear Phase
0.5
±Degrees
Chroma Nonlinear Gain
2.5
±%
Chroma/Luma Intermodulation
0.1
±%
Chroma/Luma Gain Inequality
1.0
±%
Chroma/Luma Delay Inequality
1.0
±ns
VIDEO PERFORMANCE IN HD MODE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com