Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
18
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.1.1
Supply Current
4 The NVCC_IPUx rails are isolated from one another. This allows the connection of different supply voltages for each one. For
example, NVCC_IPU2 can operate at 1.8 V while NVCC_IPU4 operates at 3.0 V.
5 In Read mode, Freescale recommends VDD_FUSE be floated or grounded. Tying VDD_FUSE to a positive supply (3.0 V–3.3
V) increases the possibility of inadvertently blowing fuses and is not recommended.
6 The NAND Flash supplies are composed of three groups: A, B, and C. Each group can be powered with a different supply
voltage. For example, NVCC_NANDF_A = 1.8 V, NVCC_NANDF_B = 3.0 V, NVCC_NANDF_C = 2.7 V.
7 The analog supplies should be isolated in the application design. Use of series inductors is recommended.
8 Operation of the HS-I2C and I2C is not guaranteed when operated between the supply voltages of 1.95 to 2.7 V.
Table 9. Interface Frequency
Parameter Description
Symbol
Min
Max
Unit
JTAG: TCK Operating Frequency
ftck
See Table 86, "JTAG Timing," on page 119
MHz
CKIL: Operating Frequency
fckil
See Table 61, "FPM Specifications," on page 69
kHz
CKIH: Operating Frequency
fckih
See Table 34, "CAMP Electrical Parameters (CKIH1,
CKIH2)," on page 37
MHz
XTAL Oscillator
fxtal
22
27
MHz
Table 10. Fuse Supply Current
Description
Symbol
Min
Typ
Max
Unit
eFuse Program Current.1
Current to required to program one eFuse bit: The associated
VDD_FUSE supply per Table 8.
1 The current I
program is only required during program time (tprogram).
Iprogram
—60
TBD
mA
eFuse Read Current2
Current necessary to read an 8-bit eFuse word
2 The current I
read is present for approximately TBD ns of the read access to the 8-bit word. The current is derived from the
DDR supply (NVCC_EMI_DRAM).
Iread
—TBD
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com