Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
35
Preliminary—Subject to Change Without Notice
Table 29. I2C High-Speed Mode Electrical Parameters
for Low/Medium Drive Strength and OVDD = 1.65 V – 1.95 V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output rise time (current-source
enabled) and fall time at SCLH
(low driver strength)
trCL, tfCL
with a 3mA external pull-up current
source and CL = 100 pF
——
10/74
ns
Output rise time (current-source
enabled) and fall time at SCLH
(medium driver strength)
trCL, tfCL
with a 3mA external pull-up current
source and CL = 100 pF
—
—
7/14
ns
Output fall time at SDAH
(low driver strength)
tfDA
with CL from 10 pF to 100 pF
0
—
17
ns
Output fall time at SDAH
(medium driver strength)
tfDA
with CL from 10 pF to 100 pF
0
—
9
ns
Output fall time at SDAH
(low driver strength)
tfDA
CL = 400 pF
30
—
67
ns
Output fall time at SDAH
(medium driver strength)
tfDA
CL = 400 pF
15
—
34
ns
Table 30. Low Voltage I2C I/O Parameters
Parameter
Symbol
Test Condition
Min Rise/Fall
Typ
Max Rise/Fall
Unit
Output Pad di/dt (Medium drive)
tdit
—
—
—
22
mA/ns
Output Pad di/dt (Low drive)
tdit
—
—
—
11
mA/ns
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition time greater than 25 ns
trm
—
—
—
25
ns
Table 31. High Voltage I2C I/O Parameters
Parameter
Symbol
Test Condition Min Rise/Fall
Typ
Max Rise/Fall
Unit
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
——
3/3
6/5
ns
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
——
5/5
9/9
ns
Output Pad Slew Rate (Medium Drive)
tps
15 pF
35 pF
0/0
0/0
——
V/ns
Output Pad Slew Rate (Low Drive)
tps
15 pF
35 pF
0/0
0/0
——
V/ns
Output Pad di/dt (Medium drive)
tdit
—
—
—
36
mA/ns
Output Pad di/dt (Low drive)
tdit
—
—
—
16
mA/ns
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition time > 25 ns
trm
—
—
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com