Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 52Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 53Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 54Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 55Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 56Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 57Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 59Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
56
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.6.9
DDR2 SDRAM Specific Parameters
Figure 32 shows the timing parameters for DDR2. The timing parameters for this diagram appear in
Table 45.
Figure 32. DDR2 SDRAM Basic Timing Parameters
Table 45. DDR2 SDRAM Timing Parameter Table
ID
Parameter
Symbol
SDCLK = 200 MHz
Unit
Min
Max
DDR1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
DDR2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
DDR3
SDRAM clock cycle time
tCK
5—
ns
DDR4
CS, RAS, CAS, CKE, WE, ODT setup time
tIS1
0.35
—
ns
DDR5
CS, RAS, CAS, CKE, WE, ODT hold time
tIH1
0.475
—
ns
SDCLK
WE
ADDR
ROW/BA
COL/BA
CS
CAS
RAS
DDR1
DDR3
DDR2
DDR4
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
SDCLK
ODT/CKE
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com