Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 83Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 84Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 85Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 86Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 87Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 88Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 89Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 90Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
87
Preliminary—Subject to Change Without Notice
3.7.8.7
Asynchronous Interfaces
3.7.8.7.1
Standard Parallel Interfaces
The IPU has four signal generator machines for asynchronous signal. Each machine generates IPU’s
internal control levels (0 or 1) by UP and DOWN are defined in Registers. Each asynchronous pin has a
dynamic connection with one of the signal generators. This connection is redefined again with a new
display access (pixel/component) The IPU can generate control signals according to system 80/68
requirements. The burst length is received as a result from predefined behavior of the internal signal
generator machines.
The access to a display is realized by the following:
•
CS (IPP_CS) chip select
•
WR (IPP_PIN_11) write strobe
•
RD (IPP_PIN_12) read strobe
•
RS (IPP_PIN_13) Register select (A0)
Both system 80 and system 68k interfaces are supported for all described modes as depicted in Figure 55,
Figure 56, Figure 57, and Figure 58. The timing images correspond to active-low IPP_CS, WR and RD
signals.
Each asynchronous access is defined by an access size parameter. This parameter can be different between
different kinds of accesses. This parameter defines a length of windows, when suitable controls of the
current access are valid. A pause between two different display accesses can be guaranteed by programing
of suitable access sizes. There are no minimal/maximal hold/setup time hard defined by DI. Each control
signal can be switched at any time during access size.
Luma Frequency Response
0-30 MHz
-0.7
0.1
dB
Chroma Frequency Response
0-15 MHz,
YCbCr 422 mode
TBD
TBD
dB
Luma Nonlinearity
2.6
%
Chroma Nonlinearity
2.2
%
Luma Signal-to-Noise Ratio
0-30 MHz
TBD
dB
Chroma Signal-to-Noise Ratio
0-15 MHz
TBD
dB
1 Guaranteed by design
2 Guaranteed by characterization
3 R
set = 1.05 kOhm
Table 69. TV Encoder Video Performance Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com