Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
19
Preliminary—Subject to Change Without Notice
Table 11 shows the current core consumption (not including I/O) of the i.MX51.
Table 11. i.MX51 Stop Mode Current and Power Consumption 1
Mode
Condition
Supply
Nominal
Unit
Stop Mode
• External reference clocks
gated
• Power gating for ARM and
processing units
• Stop mode voltage
VDDGP = 0.85 V, VCC = 0.95 V, VDDA = 0.95 V
ARM CORE in SRPG mode
L1 and L2 caches power gated
IPU in S&RPG mode
VPU and GPU in PG mode
All PLLs off, all CCM-generated clocks off
CKIL input on with 32 kHz signal present
All modules disabled
USBPHY PLL off
External (MHz) crystal and on-chip oscillator
powered down (SBYOS bit asserted)
No external resistive loads that cause current flow
Standby voltage allowed (VSTBY bit is asserted)
TA = 25
°C
VDDGP
0.18
mA
VCC
0.35
VDDA
0.15
NVCC_OSC
0.012
Total
0.66
mW
Stop Mode
• External reference clocks
gated
• Power gating for ARM and
processing units
• HPM voltage
VDDGP = 1.1 V, VCC = 1.225 V, VDDA = 1.2 V
ARM CORE in SRPG mode
L1 and L2 caches power gated
IPU in S&RPG mode
VPU and GPU in PG mode
All PLLs off, all CCM-generated clocks off
CKIL input on with 32 kHz signal present
All modules disabled.
USBPHY PLL off
External (MHz) crystal and on-chip oscillator
powered down (SBYOS bit asserted)
No external resistive loads that cause current flow
TA = 25
°C
VDDGP
0.24
mA
VCC
0.45
VDDA
0.2
NVCC_OSC
0.012
Total
1.09
mW
Stop Mode
• External reference clocks
enabled
• Power gating for ARM and
processing units
• HPM voltage
VDDGP = 1.1 V, VCC = 1.225 V, VDDA = 1.20 V
ARM CORE in SRPG mode
L1 and L2 caches power gated
IPU in S&RPG mode
VPU and GPU in PG mode
All PLLs off, all CCM-generated clocks off
CKIL input on with 32 kHz signal present
All modules disabled
USBPHY PLL off
External (MHz) crystal and on-chip oscillator pow-
ered and generating reference clock
No external resistive loads that cause current flow
TA = 25
°C
VDDGP
0.24
mA
VCC
0.45
VDDA
0.2
NVCC_OSC
1.5
Total
4.8
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com