Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 59Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 60Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 61Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 62Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 63Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 64Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 65Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
62
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.1.2
CSPI Slave Mode Timing
Figure 36 depicts the timing of CSPI in Slave mode. Table 53 lists the CSPI Slave Mode timing
characteristics.
Figure 36. CSPI Slave Mode Timing Diagram
CS10
CSPIx_DI Hold Time
tHmiso
5—
ns
CS11
CSPIx_DRYN Setup Time
tSDRY
5—
ns
Table 53. CSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
CSPIx_CLK Cycle Time
tclk
60
—
ns
CS2
CSPIx_CLK High or Low Time
tSW
15
—
ns
CS3
CSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
CSPIx_CS_x pulse width
tCSLH
30
—
ns
CS5
CSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
CSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
CSPIx_DO Setup Time
tSmosi
5—
ns
CS8
CSPIx_DO Hold Time
tHmosi
5—
ns
CS9
CSPIx_DI Setup Time
tSmiso
5—
ns
CS10
CSPIx_DI Hold Time
tHmiso
5—
ns
Table 52. CSPI Master Mode Timing Parameters (continued)
ID
Parameter
Symbol
Min
Max
Unit
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
CSPIx_CLK
CSPIx_CS_x
CSPIx_DI
CSPIx_DO
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com