Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
Features
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
13
Preliminary—Subject to Change Without Notice
PMIC_INT_REQ
When using the MC13892 power management IC, the PMIC_INT_REQ high-priority interrupt input
on i.MX51 should be either floated or tied to NVCC_SRTC_POW with a 4.7 k
Ω to 68 kΩ resistor.
This avoids a continuous current drain on the real-time clock backup battery due to a 100 k
Ω
on-chip pull-up resistor.
PMIC_INT_REQ is not used by the Freescale BSP (board support package) software. The BSP
requires that the general-purpose INT output from the MC13892 be connected to i.MX51 GPIO
input GPIO1_8 configured to cause an interrupt that is not high-priority.
The original intent was for PMIC_INT_REQ to be connected to a circuit that detects when the
battery is almost depleted. In this case, the I/O must be configured as alternate mode 0 (ALT0 =
power fail).
POR_B
This cold reset negative logic input resets all modules and logic in the IC.
Note: The POR_B input must be immediately asserted at power-up and remain asserted until
after the last power rail is at its working voltage.
RESET_IN_B
This warm reset negative logic input resets all modules and logic except for the following:
• Test logic (JTAG, IOMUXC, DAP)
•SRTC
• Memory repair – Configuration of memory repair per fuse settings
• Cold reset logic of WDOG – Some WDOG logic is only reset by POR_B. See WDOG chapter
in i.MX51 Reference Manual for details.
RREFEXT
Determines the reference current for the USB PHY bandgap reference. An external 6.04 k
Ω 1%
resistor to GND is required.
SGND, SVCC, and
SVDDGP
These sense lines provide the ability to sense actual on-chip voltage levels on their respective
supplies. SGND monitors differentials of the on-chip ground versus an external power source.
SVCC monitors on-chip VCC, and SVDDGP monitors VDDGP. Freescale recommends connection
of the SVCC and SVDDGP signals to the feedback inputs of switching power-supplies or to test
points.
STR
This signal is reserved for Freescale manufacturing use. The user should float this signal.
TEST_MODE
TEST_MODE is for Freescale factory use only. This signal is internally connected to an on-chip
pull-down device. Users must either float this signal or tie it to GND.
VREF
When using VREF with DDR-2 I/O, the nominal 0.9 V reference voltage must be half of the
NVCC_EMI_DRAM supply. The user must tie VREF to a precision external resistor divider. Use a
1 k
Ω 0.5% resistor to GND and a 1 kΩ 0.5% resistor to NVCC_EMI_DRAM. Shunt each resistor
with a closely-mounted 0.1 µF capacitor.
To reduce supply current, a pair of 1.5 k
Ω 0.1% resistors can be used. Using resistors with
recommended tolerances ensures the ± 2% VREF tolerance (per the DDR-2 specification) is
maintained when four DDR-2 ICs plus the i.MX51 are drawing current on the resistor divider.
Note: When VREF is used with mDDR this signal must be tied to GND.
VREFOUT
This signal determines the Triple Video DAC (TVDAC) reference voltage. The user must tie
VREFOUT to an external 1.18 k
Ω 1% resistor to GND.
Table 3. Special Signal Considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com