Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX512CJM6C Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 57Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 58Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 59Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 60Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 61Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 62Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 63Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 64Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
61
Preliminary—Subject to Change Without Notice
3.7.1.1
CSPI Master Mode Timing
Figure 35 depicts the timing of CSPI in Master mode and Table 52 lists the CSPI Master Mode timing
characteristics.
Figure 35. CSPI Master Mode Timing Diagram
Table 51. CSPI Nomenclature and Routing
Module
I/O Access
eCSPI1
CSPI11, USBH1, and DI1 via IOMUX
1 This set of BGA contacts is labeled CSPI, but is actually an eCSPI channel
eCSPI2
NANDF and USBH1 via IOMUX
CSPI
NANDF, USBH1, SD1, SD2, and GPIO via IOMUX
Table 52. CSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
CSPIx_CLK Cycle Time
tclk
60
—
ns
CS2
CSPIx_CLK High or Low Time
tSW
6—
ns
CS3
CSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
CSPIx_CS_x pulse width
tCSLH
15
—
ns
CS5
CSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
CSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
CSPIx_DO Setup Time
tSmosi
5—
ns
CS8
CSPIx_DO Hold Time
tHmosi
5—
ns
CS9
CSPIx_DI Setup Time
tSmiso
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
CSPIx_CLK
CSPIx_CS_x
CSPIx_DO
CSPIx_DI
CSPIx_DRYN1
CS11
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com