Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 72Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 73Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 74Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 75Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 76Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 77Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 78Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 79Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 282 page
background image
76
7728D–AVR–07/09
ATtiny87/ATtiny167
9.3.3
Alternate Functions of Port A
The Port A pins with alternate functions are shown in Table 9-3.
Table 9-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
PCINT7 (Pin Change Interrupt 7)
ADC7 (ADC Input Channel 7)
AIN1 (Analog Comparator Positive Input)
XREF (Internal Voltage Reference Output)
AREF (External Voltage Reference Input)
PA6
PCINT6 (Pin Change Interrupt 6)
ADC6 (ADC Input Channel 6)
AIN0 (Analog Comparator Negative Input)
SS (SPI Slave Select Input)
PA5
PCINT5 (Pin Change Interrupt 5)
ADC5 (ADC Input Channel 5)
T1 (Timer/Counter1 Clock Input)
USCK (Three-wire Mode USI Alternate Clock Input)
SCL (Two-wire Mode USI Alternate Clock Input)
SCK (SPI Master Clock)
PA4
PCINT4 (Pin Change Interrupt 4)
ADC4 (ADC Input Channel 4)
ICP1 (Timer/Counter1 Input Capture Trigger)
DI (Three-wire Mode USI Alternate Data Input)
SDA (Two-wire Mode USI Alternate Data Input / Output)
MOSI (SPI Master Output / Slave Input)
PA3
PCINT3 (Pin Change Interrupt 3)
ADC3 (ADC Input Channel 3)
ISRC (Current Source Pin)
INT1 (External Interrupt1 Input)
PA2
PCINT2 (Pin Change Interrupt 2)
ADC2 (ADC Input Channel 2)
OC0A (Output Compare and PWM Output A for Timer/Counter0)
DO (Three-wire Mode USI Alternate Data Output)
MISO (SPI Master Input / Slave Output)
PA1
PCINT1 (Pin Change Interrupt 1)
ADC1 (ADC Input Channel 1)
TXD (UART Transmit Pin)
TXLIN (LIN Transmit Pin)
PA0
PCINT0 (Pin Change Interrupt 0)
ADC0 (ADC Input Channel 0)
RXD (UART Receive Pin)
RXLIN (LIN Receive Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com