Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 81Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 82Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 83Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 84Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 85Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 86Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 87Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 88Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 282 page
background image
85
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 9-8.
Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/PCINT11/
OC1BV
PB2/PCINT10/
OC1AV/USCK/SCL
PB1/PCINT9/
OC1BU/DO
PB0/IPCINT8/
OC1AU/DI/SDA
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
(USI_2_WIRE &
USIPOS)
0
(USI_2_WIRE &
USIPOS)
DDOV
0
(USI_SCL_HOLD |
PORTB2)
& DDRB2
0
(USI_SHIFTOUT |
PORTB0) & DDRB0)
PVOE
OC1B_ENABLE
&
OC1BV
(USI_2_WIRE &
USIPOS &
DDRB2) |
(OC1A_ENABLE &
OC1AV)
(USI_2_WIRE &
USI_3_WIRE &
USIPOS) |
(OC1B_ENABLE &
OC1BU)
(USI_2_WIRE &
USIPOS &
DDRB0) |
(OC1A_ENABLE &
OC1AU)
PVOV
OC1B
{ (USI_2_WIRE &
USIPOS &
DDRB2) ?
(0) : (OC1A) }
{ (USI_2_WIRE &
USI_3_WIRE &
USIPOS) ?
(USI_SHIFTOUT) :
(OC1B) }
{ (USI_2_WIRE &
USIPOS &
DDRB0) ?
(0) : (OC1A) }
PTOE
0
USI_PTOE & USIPOS
00
DIEOE
PCIE1 &
PCMSK11
(USISIE & USIPOS) |
(PCIE1 & PCMSK10)
PCIE1 & PCMSK9
(USISIE & USIPOS) |
(PCIE1 & PCMSK8)
DIEOV
1
(USISIE & USIPOS) |
(PCIE1 & PCMSK10)
1
(USISIE & USIPOS) |
(PCIE1 & PCMSK8)
DI
PCINT11
PCINT10 -/- USCK -/-
SCL
PCINT9
PCINT8 -/- DI -/- SDA
AIO
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com